PART |
Description |
Maker |
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
ADM3486EARZ-REEL7 ADM3483EARZ-REEL7 |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3 V, 15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,15千伏ESD保护,半和全双工,RS-485/RS-422收发
|
Analog Devices, Inc.
|
SP1490E SP1490ECN SP1490ECN_TR SP1490ECP SP1490EEN |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP491CN-L |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
SP491E SP490E |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
ADN4694E ADN4692E ADN4695E ADN4690E |
3.3 V, 100 Mbps, Half- and Full-Duplex
|
Analog Devices
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
OTS-1VTR2ATR4DTR |
Optiva Standard, 1 Duplex Composite Video, 2 Duplex Audio and 4 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|
MAX14852 |
2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
|
Maxim Integrated Produc...
|
ADM1490EBRMZ ADM1490EBRMZ-REEL7 ADM1490E ADM1490EB |
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
|
http:// Analog Devices
|
LAN91C100FD LAN91C100FDREVB LAN91C100FDTQFP 91C100 |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
|
SMSC[SMSC Corporation]
|